PART |
Description |
Maker |
FBR-53ND09Y FBR-53ND12Y-HW FBR-53ND10Y-HW FBR53 FB |
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
|
FUJITSU[Fujitsu Media Devices Limited]
|
FBR51ND12-W1 FBR52ND12-W1 FBR52ND06-W1 FBR51ND12-W |
COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
|
Fujitsu Component Limited.
|
FTR-G1CN012W1 FTR-G1 FTR-G1CN009W1 FTR-G1CN010W1 |
Compact Power Relay 1 Pole-25A for Automotive Applications
|
FUJITSU[Fujitsu Media Devices Limited]
|
FRB53ND09-Y-HW FRB53ND10-Y FRB53ND12-Y FRB53ND12-Y |
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications) 紧凑型功率继电器1极A(用于汽车应0
|
Fujitsu Limited Fujitsu, Ltd.
|
PVG612 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole/ Normally Open/ 0-60V/ 1.0A AC/ 2.0 A DC
|
International Rectifier
|
PVN012 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
|
International Rectifier
|
OMA1601 OMA160 OMA160S OMA160STR |
Single Pole OptoMOS垄莽 Relay Single Pole OptoMOS庐 Relay Single Pole OptoMOS? Relay
|
Clare, Inc.
|
FTR-F3AA005E FTR-F3AA005EKS FTR-F3AA006E FTR-F3AA0 |
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
|
Fujitsu Component Limited.
|
JV-12S-KS |
POWER RELAY 1 POLE - 10A High Power Relay
|
Fujitsu Component Limited.
|
PVA3324N PVA3324NS PVA3354N PVA3354NS PVA2352N PVA |
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole/ Normally-Open 0-300V AC/DC/ 150mA Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA 微电子功率IC HEXFET功率MOSFET的光电继电器单极,常开0 - 300V交流/直流50mA
|
International Rectifier, Corp.
|
26150 26S6R8 2600 26100 26101 26120 26151 26180 26 |
RELAY OPTOMOS 250MA DUAL 8-SMD 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR, SMD Call progress tone generator Single Pole Normally Open: 1-Form-A Dual Pole Normally Open: 2-Form-A RELAY OPTOMOS 250MA DP-NO 8FLTPK RELAY OPTOMOS 250MA DP-NO 8-SMD RELAY OPTOMOS 150MA DPST 8-SMD BobbinWoundSurfaceMountInductors Bobbin Wound Surface Mount Inductors
|
C&DTechnologies CANDD[C&D Technologies]
|